Part Number Hot Search : 
OP14CP AD8630 F75133 C847A 101M350H HE13002 18F66J10 TA0103A
Product Description
Full Text Search
 

To Download 1F110241-P22B0T-AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to chang e, please call your nearest foxconn sales represent ative for update information. specifications future bus connector 1f series, plug. press fit type 2.0mm pitch 4 row s mechanical contact retention force: 1.0kg min. electrical voltage rating: 750v current rating: 1a contact resistance: 45m w max. dielectrical withstanding voltage: 1000v insulation resistance: 1000m w min. physical housing: lcp, ul 94-0, ivory white contact: phosphor bronze plating: see ordering information drawing ordering i nf or mati o n tail length(dim.t) 2=11.3mm 3=13.6mm mating area plating: 1=gold flash 3=0.76um(30u")min. gold plating 5=1.27um(50u")min. gold plating 6=0.25um(10u")min. gold plating a=0.76um(30u")min. fpt plating, 0.25um(10u")min. gold included product no.: 1 f 1 1 * * * * - p * * b 0 * - * * mating length(dim.m) 2=5.75mm 3=6.50 mm pos. no.: 024=024 pos. 048=048 pos. 096=096 pos. 192=192 pos. lead free code: n=none f=lead free package type: a=tube extension code: n,t,l,m tail style: p=press fit body style b0=long pin, wide body 22.00 23.90 pos. p/n 192 96 48 94.00 46.00 dim. b dim. a 95.90 47.90 1f11024*-p**b0*-** 24 10.00 11.90 1f11048*-p**b0*-** 1f11096*-p**b0*-** 1f11192*-p**b0*-**


▲Up To Search▲   

 
Price & Availability of 1F110241-P22B0T-AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X